PART |
Description |
Maker |
SI9940 SI9940DY |
DUAL N-CHANNEL ENHANCEMENT-MODE MOSFET TRANSISTOR,MOSFET,MATCHED PAIR,N-CHANNEL,50V V(BR)DSS,5.3A I(D),SO Dual N-Channel Enhancement Mode MOSFET
|
TEMIC Semiconductors Siliconix
|
BSS138DW09 BSS138DW-7-F |
DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR MOSFET DUAL N-CHAN 50V SOT363 200 mA, 50 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Diodes Incorporated Diodes, Inc.
|
NTMSD3P303R2 |
FETKY™ P-Channel Enhancement-Mode Power MOSFET and Schottky Diode Dual SO-8 Package P−Channel Enhancement−Mode Power MOSFET and Schottky Diode Dual SO−8 Package P-Channel Enhancement-Mode Power MOSFET and Schottky Diode Dual SO-8 Package(双P通道,增强模式,SO-8封装的功率MOSFET与肖特基二极
|
ON Semiconductor
|
DMN601DWK07 DMN601DWK-7 |
DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR 3.3V, Full Duplex, 10Mbps, EIA RS-485 Transceiver 305 mA, 60 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Diodes Incorporated http:// Diodes, Inc.
|
2-87879-0 2-87879-5 2-87879-9 2-87879-7 2-87879-1 |
CONNECTOR ASSEMBLY, MOD IV, SINGLE ROW .100CL, DUAL ENTRY
|
Tyco Electronics
|
3N191 X3N190-91 3N190 3N190-91 X3N191 |
50 mA, 40 V, 2 CHANNEL, P-CHANNEL, Si, SMALL SIGNAL, MOSFET 30V N-Channel PowerTrench MOSFET Dual P-Channel Enhancement Mode MOSFET General Purpose Amplifier
|
Calogic LLC Calogic LLC CALOGIC[Calogic, LLC]
|
ZXMP6A18DN8NBSP ZXMP6A18DN8 ZXMP6A18DN8TC ZXMP6A18 |
DUAL P-CHANNEL 60V ENHANCEMENT MODE MOSFET 3.7 A, 60 V, 0.055 ohm, 2 CHANNEL, P-CHANNEL, Si, POWER, MOSFET From old datasheet system
|
Zetex Semiconductor PLC ZETEX[Zetex Semiconductors] Diodes Incorporated
|
SSM9930M |
Dual N- and Dual P- Channel Enhancement Mode
|
Silicon Standard
|
DMP2066LSD-13 |
DUAL P-CHANNEL ENHANCEMENT MODE MOSFET 5.8 A, 20 V, 0.04 ohm, 2 CHANNEL, P-CHANNEL, Si, POWER, MOSFET GREEN, PLASTIC, SOP-8
|
Diodes Incorporated Diodes, Inc.
|
NTTD1P02R2 NTTD1P02 |
Power MOSFET -1.45 Amps, -20 Volts P-Channel Enhancement Mode Dual Micro8 Package(-1.45 A, -20 V,双P通道,增强模式,Micro8封装的功率MOSFET) 1450 mA, 20 V, 2 CHANNEL, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
ON Semiconductor
|
ZXMD65P02N8_04 ZXMD65P02N8 ZXMD65P02N8TA ZXMD65P02 |
4000 mA, 20 V, 2 CHANNEL, P-CHANNEL, Si, SMALL SIGNAL, MOSFET DUAL 20V P-CHANNEL ENHANCEMENT MODE MOSFET
|
DIODES INC ZETEX[Zetex Semiconductors] http://
|
|